|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
[type here] datasheet no 292483 issue 5 1 of 11 13/03/2014 magic led plw138003 series advanced product information description plessey magic plw138003 ultra-thin smt leds are des igned for symbol backlight applications. the light is emitted in wide emission angles and hence this smt package is suitable for indicators in mobile devices. the l eds are packed in reels containing 8000 pieces; every reel will be shipped in single i ntensity and colour bin, to provide close uniformity. features ? ultra-thin 1005 footprint ? high reliability plcc packaging ? diffused pale yellow resin ? 130 degree wide viewing angle ? gan-on-si die technology applications ? decoration lighting ? instrument panel backlighting ? illumination symbols ? miniature dot-matrix displays ? wearable devices variant nominal colour (x, y) luminous intensity iv (mcd) min. max. plw138003-a (0.280, 0.260) 100 190 plw138003-b (0.300, 0.290) plw138003-c (0.275, 0.240)
plw138003 series | advanced product information datasheet no 292483 issue 5 page 2 of 11 13/03/2014 absolute maximum ratings t amb = +25 o c unless otherwise stated parameter symbol minimum maximum unit dc forward current i f - 10 ma peak pulse forward current [1] i fp - 50 ma reverse voltage v r - 5 v storage temperature t stg -40 +100 o c junction temperature t j - +120 o c [1] pulse width 10ms, duty cycle 10% electro-optical characteristics t amb = +25 o c unless otherwise stated parameter symbol condition min. typ. max. unit forward voltage v f i f = 5ma 2.75 2.90 3.50 v reverse current i r v r = 5v - - 100 a chromaticity co-ordinates x i f = 5ma - 0.282 - y - 0.260 - thermal resistance r thj - sp - tbd - k/w half-intensity angle 2 1/2 i f = 5ma - 130 - deg recommended operating conditions in typical applications, for optimum led performanc e parameter symbol minimum maximum unit operating ambient temperature t opr -40 +85 o c plw138003 series | advanced product information datasheet no 292483 issue 5 page 3 of 11 13/03/2014 ordering information order code colour range luminous intensity range forward voltage plw138003000 a, b & c 1l & 2l v1 & v2 plw138003001 a & b 1l & 2l v1 plw138003002 a & b 1l & 2l v1 & v2 PLW138003003 a & c 1l & 2l v1 & v2 intensity bin groups i f = 5ma, t amb = +25 o c, unless otherwise stated group luminous intensity [1] (mcd) min. max. 1l 100 150 2l 150 190 [1] tolerance 11% forward voltage bin groups i f = 5ma, t amb = +25 o c, unless otherwise stated group v f [1] (v) min. max. v1 2.75 3.30 v2 3.30 3.50 [1] tolerance 0.05v plw138003 series | advanced product information datasheet no 292483 issue 5 page 4 of 11 13/03/2014 relative spectral emission (typical) figure 1. normalised spectral power distribution angular light distribution figure 2. angular distribution pattern of emitted l ight plw138003 series | advanced product information datasheet no 292483 issue 5 page 5 of 11 13/03/2014 colour chromaticity a b c x y x y x y 0.28 0.248 0.287 0.295 0.28 0.248 0.296 0.276 0.307 0.315 0.265 0.215 0.287 0.295 0.311 0.294 0.255 0.225 0.264 0.267 0.296 0.276 0.272 0.257 chromaticity co-ordinate tolerance for each bin is 0.01 figure 3. cie1931 chromaticity diagram plw138003 series | advanced product information datasheet no 292483 issue 5 page 6 of 11 13/03/2014 package outline dimensions figure 4. mechanical drawings of the 1005 package ( unit in mm) recommended solder pad figure 5. diagram of soldering pad (unit in mm) note: increased pcb cu area will reduce the t j and increase reliability plw138003 series | advanced product information datasheet no 292483 issue 5 page 7 of 11 13/03/2014 reflow soldering profile figure 6. reflow soldering profile 1. reflow soldering should not be done more than tw ice 2. when soldering, do not put stress on the leds du ring heating soldering iron 1. when hand soldering, the temperature of the iron must be 300oc for 3 seconds 2. hand soldering should be performed only once. handling instructions plessey leds are not designed to operate with rever se bias. precautions are required to prevent reverse bias in applications and during handling. moisture sensitivity jedec level floor life bake time conditions time conditions 4 72 hours 30 o c / 60% rh 24 hours 125 o c 5 o c plw138003 series | advanced product information datasheet no 292483 issue 5 page 8 of 11 13/03/2014 packing information figure 7. embossed taping specifications (unit in m m) plw138003 series | advanced product information datasheet no 292483 issue 5 page 9 of 11 13/03/2014 figure 8. reel specification (unit in mm) plw138003 series | advanced product information datasheet no 292483 issue 5 page 10 of 11 13/03/2014 plw138003 series | advanced product information datasheet no 292483 issue 5 page 11 of 11 13/03/2014 legal notice product information provided by plessey semiconduct ors limited (?plessey?) in this document is believe d to be correct and accurate. plessey reserves the ri ght to change/correct the specifications and other data or information relating to products without notice but plessey accepts no liability for errors that ma y appear in this document, howsoever occurring, or liability arising from the use or application of any informa tion or data provided herein. neither the supply of such information, nor the purchase or use of products conveys any licence or permission under patent, cop yright, trademark or other intellectual property ri ght of plessey or third parties. products sold by plessey are subject to its standar d terms and conditions of sale that are available o n request. no warranty is given that products do not infringe the intellectual property rights of third parties, and furthermore, the use of products in certain way s or in combination with plessey, or non-plessey furnished equipments/components may infringe intell ectual property rights of plessey. the purpose of this document is to provide informat ion only and it may not be used, applied or reprodu ced (in whole or in part) for any purpose nor be taken as a representation relating to the products in que stion. no warranty or guarantee express or implied is made concerning the capability, performance or suitabil ity of any product, and information concerning possible applications or methods of use is provided for guidance only and not as a recommendation. the user is solely responsible for determining the performance and suitability of the product in any a pplication and checking that any specification or d ata it seeks to rely on has not been superseded. products are intended for normal commercial applica tions. for applications requiring unusual environmental requirements, extended temperature ra nge, or high reliability capability (e.g. military, or medical applications), special processing/testing/c onditions of sale may be available on application t o plessey. contact customer support +41752 693000 | support@plesseysemi.com www.plesseysemi.com plessey semiconductors ltd | plymouth tamerton road, roborough plymouth, devon pl6 7bq united kingdom p: +44 1752 693000 f: +44 1752 693200 plessey semiconductors ltd | swindon design & technology centre, delta 500, delta business park, swindon sn5 7xe united kingdom p: +44 1793 518000 f: +44 1793 518030 |
Price & Availability of PLW138003003 |